Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 370 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 370 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 366Page - SMSC Corporation LAN9312 Datasheet HTML 367Page - SMSC Corporation LAN9312 Datasheet HTML 368Page - SMSC Corporation LAN9312 Datasheet HTML 369Page - SMSC Corporation LAN9312 Datasheet HTML 370Page - SMSC Corporation LAN9312 Datasheet HTML 371Page - SMSC Corporation LAN9312 Datasheet HTML 372Page - SMSC Corporation LAN9312 Datasheet HTML 373Page - SMSC Corporation LAN9312 Datasheet HTML 374Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
370
SMSC LAN9312
DATASHEET
18:16
Port
These bits indicate the port(s) associated with this MAC address. When bit
18 is cleared, a single port is selected. When bit 18 is set, multiple ports are
selected.
R/W
000b
15:0
MAC Address
These field contains the last 16 bits of the ALR entry that will be written into
the ALR table. They correspond to the last 16 bits of the MAC address. Bit
15 holds the MSB of the last byte (the last bit on the wire). The first 32 bits
of the MAC address are located in the Switch Engine ALR Write Data 0
Register (SWE_ALR_WR_DAT_0).
R/W
0000h
BITS
DESCRIPTION
TYPE
DEFAULT
VALUE
ASSOCIATED PORT(S)
000
Port 0(Host MAC)
001
Port 1
010
Port 2
011
RESERVED
100
Port 0(Host MAC) and Port 1
101
Port 0(Host MAC) and Port 2
110
Port 1 and Port 2
111
Port 0(Host MAC), Port 1, and Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com