Electronic Components Datasheet Search
  English  ▼

X  

USB332X Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 3 Page - SMSC Corporation

  USB332X Datasheet HTML 1Page - SMSC Corporation USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
SMSC USB332x
3
Revision 0.3 (02-04-08)
PRODUCT PREVIEW
General Description
SMSC’s USB332x is a family of Hi-Speed USB 2.0 Transceivers that provides a physical layer (PHY)
solution well-suited for portable electronic devices. Both commercial and industrial temperature
applications are supported.
Each model in the USB332x family may use a 60MHz reference clock, or the model-number specific
reference clock shown in ORDER NUMBER(S): on page 2.
Several advanced features make the USB332x the transceiver of choice by reducing both eBOM part
count and printed circuit board (PCB) area. Outstanding ESD robustness eliminates the need for
external ESD protection devices in typical applications. The internal Over-Voltage Protection circuit
(OVP) protects the USB332x from voltages up to 30V. By using a reference clock from the Link, the
USB332x removes the cost of a dedicated crystal reference from the design. And the integrated USB
switch enables unique product features with a single USB port of connection.
The USB332x meets all of the electrical requirements to be used as a Hi-Speed USB Host, Device, or
an On-the-Go (OTG) transceiver. In addition to the supporting USB signaling, the USB332x also
provides USB UART mode and USB Audio mode.
USB332x uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB PHY to the
Link. ULPI uses a method of in-band signaling and status byte transfers between the Link and PHY to
facilitate a USB session with only 12 pins.
The USB332x uses SMSC’s “wrapper-less” technology to implement the ULPI interface. This “wrapper-
less” technology allows the PHY to achieve a low latency transmit and receive time. SMSC’s low
latency transceiver allows an existing UTMI Link to be reused by adding a UTMI to ULPI bridge. By
adding a bridge to the ASIC the existing and proven UTMI Link IP can be reused.
Figure 1 USB332x Block Diagram
OTG
USB
DP/DM
Switch
Hi-Speed
USB
Transceiver
ULPI
Interface
ULPI
Registers
and State
Machine
BIAS
Low Jitter
Integrated
PLL
Integrated
Power
Management
VBUS
ID
DP
DM
RBIAS
REFCLK
DATA[7:0]
RESETB
VDD18
VDD33
VBAT
DIR
NXT
STP
CLKOUT
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com