Electronic Components Datasheet Search
  English  ▼

X  

USB332X Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation USB332X Datasheet HTML 10Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
SMSC USB332x
9
Revision 0.3 (02-04-08)
PRODUCT PREVIEW
Figure 4 USB332x WLCSP Application Diagram (Host or OTG configured for ULPI Clock In mode)
VBUS
Switch
OUT
EN
IN
5V
USB332X
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
D3
E4
E5
D4
D5
C4
C5
B4
A3
B5
A4
A5
REFCLK A2
RESETB B2
VBUS
C2
VBAT
C1
VDD33
D2
ID
B1
DM
DP
D1
E1
SPK_L
SPK_R
E2
E3
GND
C3
A1
RBIAS
VDD18 B3
Optional
Switched Signal
to DP/DM
1.8V Supply
CBYP
USB
Receptacle
DM
DP
ID
SHIELD
GND
VBUS
COUT
3.1-5.5V
Supply
CBYP
RVBUS
ULPI Clock
In Mode
Link Controller
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
The capacitor CVBUS
must be installed on
this side of RVBUS.
CVBUS
RVBUS must be
installed to enable
overvoltage
protection of the
VBUS pin.
CPEN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com