Electronic Components Datasheet Search
  English  ▼

X  

USB332X Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 5 Page - SMSC Corporation

  USB332X Datasheet HTML 1Page - SMSC Corporation USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
SMSC USB332x
5
Revision 0.3 (02-04-08)
PRODUCT PREVIEW
USB332x Pin Locations and Descriptions
Package Diagram with Ball Locations
The illustration below is viewed from the top of the package.
Ball Definitions
The following table details the ball definitions for the figure above.
Figure 2 USB332x Ball Locations - Top View
Table 1 USB332x Pin Description
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION
B1
ID
Input,
Analog
N/A
ID pin of the USB cable. For applications
not using ID this pin can be connected to
VDD33. For an A-Device ID is grounded.
For a B-Device ID is floated.
C2
VBUS
I/O,
Analog
N/A
This pin connects to an external resistor
(RVBUS) connected to the VBUS pin of
the USB cable. This pin is used for the
VBUS comparator inputs and for VBUS
pulsing during session request protocol.
C1
VBAT
Power
N/A
Regulator input. The regulator supply can
be from 5.5V to 3.1V.
A
E
D
C
B
15
4
3
2
TOP VIEW
RESETB
ID
VBUS
VBAT
VDD33
DM
DP
SPK_R
SPK_L
DATA[7]
DATA[4]
DATA[6]
DATA[5]
CLKOUT
DATA[3]
DATA[2]
DATA[1]
DATA[0]
NXT
DIR
STP
VDD18
REFCLK
RBIAS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com