Electronic Components Datasheet Search
  English  ▼

X  

USB2240 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 10Page - SMSC Corporation USB2240 Datasheet HTML 11Page - SMSC Corporation USB2240 Datasheet HTML 12Page - SMSC Corporation USB2240 Datasheet HTML 13Page - SMSC Corporation USB2240 Datasheet HTML 14Page - SMSC Corporation USB2240 Datasheet HTML 15Page - SMSC Corporation USB2240 Datasheet HTML 16Page - SMSC Corporation USB2240 Datasheet HTML 17Page - SMSC Corporation USB2240 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
14
SMSC USB2240/USB2241
DATASHEET
xD Write
Enable
xD_nWE
12
O12PU
This pin is an active low write strobe signal for xD
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET, and is controlled by the SM_PU
bit of the SM_CTL register.
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external
pull-ups must be used).
xD Busy or
Data Ready
xD_nB/R
17
IPU
This pin is connected to the BSY/RDY pin of the xD
device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET, and is controlled by the SM_PU
bit of the SM_CTL register.
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external
pull-ups must be used).
xD Card
Detection GPIO
GPIO14
(xD_nCD)
19
I/O12
This is a GPIO designated as the xD card detection
pin.
xD Chip Enable
xD_nCE
15
O12PU
This pin is the active low chip enable signal to the
xD device.
When using the internal FET, this pin has an internal
weak pull-up resistor that is tied to the output of the
internal Power FET, and is controlled by the SM_PU
bit of the SMC_CTL register.
If an external FET is used (Internal FET is disabled),
then the internal pull-up is not available (external
pull-ups must be used).
MEMORY STICK INTERFACE
MS System
Data In/Out
MS_D[7:0]
8
7
4
5
23
20
10
11
I/O12PD
These pins are the bi-directional data signals for the
MS device. In serial mode, the most significant bit
(MSB) of each byte is transmitted first by either
MSC or MS device on MS_D0. MS_D0, MS_D2,
and MS_D3 have weak pull-down resistors. MS_D1
has a pull down resistor if in parallel mode,
otherwise it is disabled. In 4 or 8 bit parallel mode,
there is a weak pull-down resistor on all MS_D7 - 0
signals. The resistors are controlled by
MSC_SYSTEM_0, MSC_MODE_CTL and
MSC_PRO_HG registers.
MS Bus State
MS_BS
9
O12
This pin is connected to the BS pin of the MS
device.
It is used to control the Bus States 0, 1, 2 and 3
(BS0, BS1, BS2 and BS3) of the MS device.
MS System
CLK
MS_SCLK
30
O12
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
Table 5.1 USB2240/USB2241 36-Pin QFN Pin Descriptions (continued)
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com