Electronic Components Datasheet Search
  English  ▼

X  

USB2240 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 20Page - SMSC Corporation USB2240 Datasheet HTML 21Page - SMSC Corporation USB2240 Datasheet HTML 22Page - SMSC Corporation USB2240 Datasheet HTML 23Page - SMSC Corporation USB2240 Datasheet HTML 24Page - SMSC Corporation USB2240 Datasheet HTML 25Page - SMSC Corporation USB2240 Datasheet HTML 26Page - SMSC Corporation USB2240 Datasheet HTML 27Page - SMSC Corporation USB2240 Datasheet HTML 28Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2240/USB2241
25
Revision 2.6 (05-08-08)
DATASHEET
Note 7.8
The assignment of each Integrated Card Power FET to a designated Card Connector is
controlled by both firmware and the specific board implementation. Firmware will default to
the settings listed in Table 10.1, “GPIO Usage (ROM Rev 0x00),” on page 28.
Note 7.9
The 3.3V supply should be at least at 75% of its operating condition before the 1.8V supply
is allowed to ramp up.
7.4
Capacitance
TA = 25°C; fc = 1MHz; VDD, VDDP = 1.8V
Table 7.1 Pin Capacitance
PARAMETER
SYMBOL
LIMITS
UNIT
TEST CONDITION
MIN
TYP
MAX
Clock Input Capacitance
CXTAL
2
pF
All pins (except USB pins
and pins under test) are tied
to AC ground.
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com