Electronic Components Datasheet Search
  English  ▼

X  

USB2240 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2240 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2240 Datasheet HTML 12Page - SMSC Corporation USB2240 Datasheet HTML 13Page - SMSC Corporation USB2240 Datasheet HTML 14Page - SMSC Corporation USB2240 Datasheet HTML 15Page - SMSC Corporation USB2240 Datasheet HTML 16Page - SMSC Corporation USB2240 Datasheet HTML 17Page - SMSC Corporation USB2240 Datasheet HTML 18Page - SMSC Corporation USB2240 Datasheet HTML 19Page - SMSC Corporation USB2240 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
16
SMSC USB2240/USB2241
DATASHEET
General
Purpose I/O
GPIO2 /
RXD /
SDA
27
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
I
RXD: In addition to the above, the signal can be
used as input to the RXD of UART in the device,
when the TXD_RXD_SEL bit in UTIL_CONFIG1
register is cleared to "0".
I/O12
SDA: This is the data pin when used with an
external serial EEPROM.
General
Purpose I/O
GPIO4
29
I/O12
This pin may be used either as input, edge sensitive
interrupt input, or output.
For the USB2240 only, this pin can be used as the
xD card detection pin.
General
Purpose I/O
GPIO7 /
TXD /
SCK /
MS_SKT_SEL
31
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
O12
TXD: In addition, as an output, the GPIO7 can be
used as an output TXD of UART in the device, when
the GPIO2/TXD bit in UTL_CONFIG register is set
to "1"
O12
SCK: This is the clock output when used with an
external EEPROM.
I
MS_SKT_SEL: On the positive edge of nRESET,
this pin is sampled to determined the Memory Stick
socket size.
1 = 8 bit
0 = 4 bit
General
Purpose I/O
GPIO10
(CRD_PWR)
21
I/O200
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ either
100mA or 200mA.
RESET Input
nRESET
18
IS
This active low signal is used by the system to reset
the chip. The active low pulse should be at least 1
μs
wide.
TEST Input
TEST
28
I
This signal is used for testing the chip. User should
normally tie this pin low externally, if the test function
is not used.
DIGITAL / ANALOG / POWER
+1.8V Core
power
VDD18
13
All VDD18 pins must be connected together on the
circuit board.
+1.8V core power. This pin must have a 1.0
μF (or
greater) ±20% (ESR <0.1
Ω) capacitor to VSS.
3.3V Power &
Regulator
Input.
VDD33
6
14
22
3.3V Power & Regulator Input.
3.3V Analog
Power
VDDA33
36
3.3V Analog Power
Table 5.1 USB2240/USB2241 36-Pin QFN Pin Descriptions (continued)
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com