Electronic Components Datasheet Search
  English  ▼

X  

USB3319 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB3319
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3319 Datasheet(HTML) 3 Page - SMSC Corporation

  USB3319 Datasheet HTML 1Page - SMSC Corporation USB3319 Datasheet HTML 2Page - SMSC Corporation USB3319 Datasheet HTML 3Page - SMSC Corporation USB3319 Datasheet HTML 4Page - SMSC Corporation USB3319 Datasheet HTML 5Page - SMSC Corporation USB3319 Datasheet HTML 6Page - SMSC Corporation USB3319 Datasheet HTML 7Page - SMSC Corporation USB3319 Datasheet HTML 8Page - SMSC Corporation USB3319 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
SMSC USB3319
3
Revision 1.3 (11-02-07)
PRODUCT PREVIEW
General Description
The USB3319 is a highly integrated Hi-Speed USB 2.0 Transceiver (PHY) that supports systems
architectures based on a 13MHz reference clock. It is designed to be used in both commercial and
industrial temperature applications.
The USB3319 meets all of the electrical requirements to be used as a Hi-Speed USB Host, Device,
or an On-the-Go (OTG) device. In addition to the supporting USB signaling the USB3319 also provides
USB UART mode and USB Audio mode.
USB3319 uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB PHY to the
Link. The industry standard ULPI interface uses a method of in-band signaling and status byte transfers
between the Link and PHY, to facilitate a USB session. By using in-band signaling and status byte
transfers the ULPI interface requires only 12 pins.
The USB3319 uses SMSC’s “wrapper-less” technology to implement the ULPI interface. This “wrapper-
less” technology allows the PHY to achieve a low latency transmit and receive time. SMSC’s low
latency transceiver allows an existing UTMI Link to be reused by adding a UTMI to ULPI bridge. By
adding a bridge to the ASIC the existing and proven UTMI Link IP can be reused.
Figure 1 USB3319 Block Diagram
OTG
Carkit
Hi-Speed
USB
Transceiver
ULPI
Interface
ULPI
Registers
and State
Machine
BIAS
Low Jitter
Integrated
PLL
Integrated
Power
Management
VBUS
ID
DP
DM
RBIAS
REFCLK
DATA[7:0]
RESETB
VDD18
VDD33
VBAT
DIR
NXT
STP
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com