Electronic Components Datasheet Search
  English  ▼

X  

USB3319 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3319
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3319 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3319 Datasheet HTML 1Page - SMSC Corporation USB3319 Datasheet HTML 2Page - SMSC Corporation USB3319 Datasheet HTML 3Page - SMSC Corporation USB3319 Datasheet HTML 4Page - SMSC Corporation USB3319 Datasheet HTML 5Page - SMSC Corporation USB3319 Datasheet HTML 6Page - SMSC Corporation USB3319 Datasheet HTML 7Page - SMSC Corporation USB3319 Datasheet HTML 8Page - SMSC Corporation USB3319 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SMSC USB3319
PRODUCT PREVIEW
Revision 1.3 (11-02-07)
Data Brief
PRODUCT FEATURES
USB3319
Hi-Speed USB Transceiver
with 1.8V ULPI Interface -
13MHz Reference Clock
USB-IF “Hi-Speed” compliant to the Universal Serial
Bus Specification Rev 2.0
Interface compliant with the ULPI Specification
revision 1.1 as a Single Data Rate (SDR) PHY
1.8V IO Voltage (+/- 10%)
SMSC flexPWRTM Technology
Low current design ideal for battery powered
applications
“Sleep” mode tri-states all ULPI pins and places the
part in a low current state
Supports FS pre-amble for FS hubs with a LS device
attached (UTMI+ Level 3)
Supports HS SOF and LS keep-alive pulse
Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 1.0a specification
Supports the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP)
Allows host to turn VBUS off to conserve battery
power in OTG applications
Support OTG monitoring of VBUS levels with internal
comparators
“Wrapper-less” design for optimal timing performance
and design ease
Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
Max) allows use of legacy UTMI Links with a ULPI
bridge
Internal 5V cable short-circuit protection of ID, DP
and DM lines to VBUS or ground
13MHz Reference Clock operation
0 to 3.6V input drive tolerant
Able to accept “noisy” clock sources
Internal low jitter PLL for 480MHz Hi-Speed USB
operation
Internal detection of the value of resistance to ground
on the ID pin
Integrated battery to 3.3V LDO regulator
2.2uF bypass capacitor
100mV dropout voltage
Integrated ESD protection circuits
Up to +-15kV without any external devices
Carkit UART mode for non-USB serial data transfers
Integrated USB Switch
Allows single USB port of connection
High speed data
Battery charging
Stereo and mono/mic audio
USB1.1 data
Industrial Operating Temperature -40
°C to +85°C
Packaging Options
24 pin QFN lead-free RoHS compliant package
(4 x 4 x 0.90 mm height)
25 ball VFBGA lead-free RoHS compliant package also
available; (3 x 3 x 0.88mm height)
Applications
The USB3319 is targeted for any application where a Hi-
Speed USB connection is desired and when board
space, power, and interface pins must be minimized.
The USB3319 is well suited for:
Cell Phones
PDAs
MP3 Players
GPS Personal Navigation
Scanners
External Hard Drives
Digital Still and Video Cameras
Portable Media Players
Entertainment Devices
Printers
Set Top Boxes
Video Record/Playback Systems
IP and Video Phones
Gaming Consoles
POS Terminals


Similar Part No. - USB3319

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3311-CP-TR SMSC-USB3311-CP-TR Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3311-GJ-TR SMSC-USB3311-GJ-TR Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
More results

Similar Description - USB3319

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
USB3317 SMSC-USB3317 Datasheet
324Kb / 11P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
USB3318 SMSC-USB3318 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
logo
Microchip Technology
USB3317-CP-TR MICROCHIP-USB3317-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3318C-CP-TR MICROCHIP-USB3318C-CP-TR Datasheet
1Mb / 73P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
Revision 2.1 06-02-10
USB3317-CP-TR MICROCHIP-USB3317-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3317C-CP-TR MICROCHIP-USB3317C-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com