Electronic Components Datasheet Search
  English  ▼

X  

DIO1411MP8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411MP8
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411MP8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1411MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Temperature Sensor with I2C and SMBus Interface
Features
Wide supply voltage range: 3.0 V to 3.6 V
Inaccuracy:
−
±1°C (Max.) from 20°C to 110°C
−
±2°C (Max.) from -40°C to 125°C
12-bit resolution: 0.0625°C
Programmable High Limit and Low Limit (
_____
ALERT
pin)
Programmable SMBus (or I2C) address:
Selectable by
______
THERM/ADDR pull-up resistance
(6 Addresses)
Operating temperature range: -40°C to 125°C
Applications
Industrial
Server
Cell phones
Battery management
Office machines
Thermostat controls
Environmental monitoring and HVAC
Package Information
Description
The DIO1411 is high-precision sensor chip for
temperature monitoring in computer, server, and
industrial
applications.
The
on-chip
12-bit
analog-to-digital converter (ADC) offers resolutions
down to 0.0625°C. The device offers a typical
inaccuracy of ±0.25°C without external component
signal conditioning.
The DIO1411 is compatible with the System
Management Bus (SMBus) and Inter-Integrated
Circuit (I2C) communication protocol.
The DIO1411
can change the SMbus (or I2C) address by the
resistance of different pull-up resistors on
______
THERM/ADDR pin.
The DIO1411 can operate at ambient temperatures
from -40°C to 125°C and have programmable alarm
function.
Simplified Schematic
Part Number
Package
Body Size
DIO1411
MSOP-8
3 mm × 3 mm


Similar Part No. - DIO1411MP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1412 DIOO-DIO1412 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ACN8 DIOO-DIO1412ACN8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ALP8 DIOO-DIO1412ALP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412AMP8 DIOO-DIO1412AMP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412CMP8 DIOO-DIO1412CMP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
More results

Similar Description - DIO1411MP8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
Gas Gauge IC with SMBus Interface
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
Gas Gauge IC With SMBus Interface
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Texas Instruments
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
Gas Gauge IC With SMBus Interface
logo
STMicroelectronics
L6718 STMICROELECTRONICS-L6718 Datasheet
2Mb / 71P
SMBus interface for power management
19-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com