Electronic Components Datasheet Search
  English  ▼

X  

DIO1411MP8 Datasheet(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411MP8
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411MP8 Datasheet(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411MP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
16
12.6. Scratchpad registers
Two scratchpad registers are used for place holders to be software compatible with legacy programs.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
11h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
12h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
Note: R = Read. W = Write.
12.7. One shot register
When the device is configured in standby mode and the BUSY bit is “0”, writing to the one shot register will
immediately initiate a new single temperature measurements. However, writing to the one shot register while the
device is in active mode will have no effect.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
0Fh
W
One shot
Writing to this register initiates a single conversion cycle.
Data is not stored and always reads 00h.
00h
Note: W = Write.
12.8. Therm Limit registers
The Therm Limit registers are used to set temperatures for thermal event. Once the measured temperature
exceeds the corresponding Therm Limit, the
______
THERM /ADDR pin is asserted. Note that the limit setting data
format must match the chosen data format of the temperature reading registers.
The
______
THERM /ADDR pin cannot be masked by the MASK bit. Additionally, the
______
THERM /ADDR pin will be
deasserted once the measured temperature drops below the corresponding Therm Limit minus the Therm
Hysteresis.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
20h
R/W
Internal Therm
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
Note: R = Read. W = Write.
12.9. Mask register
The mask register is used to determine whether the temperature is masked or not. When the temperature is
masked, the
_____
ALERT pin will not be asserted even when the temperature is out of limit. No matter the MASK bit
is set or not, the status registers will be updated normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com