Electronic Components Datasheet Search
  English  ▼

X  

DIO1411MP8 Datasheet(PDF) 24 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1411MP8
Description  SMBus Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1411MP8 Datasheet(HTML) 24 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1411MP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1411MP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
DIO1411
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
20
12.14. Product ID register
The product ID register holds a specific value that identifies the device.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FDh
R
Product ID
(DIO1411)
1
0
1
1
0
0
1
1
B3h
Note: R = Read.
12.15. Manufacturer ID register
The manufacturer ID register contains an 8-bit word that identifies the DIOO as the manufacturer of the
DIO1411.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FEh
R
DIOO ID
1
1
0
1
1
0
1
0
DAh
Note: R = Read.
12.16. Revision register
The revision register contains an 8-bit word that identifies the die revision.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FFh
R
Revision
0
0
0
0
0
1
0
1
05h
Note: R = Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com