Electronic Components Datasheet Search
  English  ▼

X  

DIO1412CMP8 Datasheet(PDF) 23 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412CMP8
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412CMP8 Datasheet(HTML) 23 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412CMP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
19
12.3. Configuration register
The configuration register controls the basic operation of the device. It is accessible at either address.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
03h
R/W
Configuration
MASK_
ALL
RUN/
STOP
ALERT/
COMP
Reserved
RANGE
DAVG_
DIS
Reserved
00h
09h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7
MASK_ALL
0
(default)
The
———
ALERT pin is not masked. Once the HIGH status, or LOW status or FAULT status bit is
set, the
———
ALERT pin will be asserted.
1
The
———
ALERT pin is masked. It will not be asserted even the HIGH status, and LOW status
and FAULT status bit are set unless the device is configured in comparator mode. No matter
MASK_ALL bit or channel mask register is set or not, the status registers will be updated
normally.
6
RUN/STOP
0
(default)
The device is in the active mode and detecting all channels’ temperatures in real time.
1
The device is in standby mode and not detecting all channels’ temperatures in real time.
5
ALERT/
COMP
0
(default)
The
———
ALERT pin acts in interrupt mode.
1
The
———
ALERT pin acts in comparator mode.
4:3
Reserved
-
Do not use.
2
RANGE
0
(default)
The temperature measurement range is default range: 0°C to 127.9375°.
1
The temperature measurement range is extended range: -64°C to 191.9375°C.
1
DAVG_DIS
0
(default)
The dynamic averaging feature is enabled. All temperature channels will be converted with
an averaging factor that is based on the conversion rate.
1
The dynamic averaging feature is disabled.
0
Reserved
-
Do not use.
12.4. Conversion rate register
The conversion rate register determines the updating frequency of the channels’ temperature measurement.
This register is accessible at either address.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
04h
R/W
Conversion rate
Reserved
CONV [3:0]
06h
(4/sec)
0Ah
Note: R = Read. W = Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com