Electronic Components Datasheet Search
  English  ▼

X  

DIO1412CMP8 Datasheet(PDF) 25 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412CMP8
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412CMP8 Datasheet(HTML) 25 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
21
08h
R/W
External channel
Low Limit high
byte
128
64
32
16
8
4
2
1
00h
(0°C)
0Eh
14h
R/W
External channel
Low Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h
Note: R = Read. W = Write.
12.6. Scratchpad registers
Two scratchpad registers are used for place holders to be software compatible with legacy programs.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
11h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
12h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
Note: R = Read. W = Write.
12.7. One shot register
When the device is configured in standby mode and the BUSY bit is “0”, writing to the one shot register will
immediately initiate a new single temperature measurements for all channels. However, writing to the one shot
register while the device is in active mode will have no effect.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
0Fh
W
One shot
Writing to this register initiates a single conversion cycle.
Data is not stored and always reads 00h
00h
Note: W = Write.
12.8. Therm Limit registers
The Therm Limit registers are used to set temperatures for thermal event. Once the measured temperature of
any channel exceeds the corresponding Therm Limit, the
______
THERM /ADDR pin is asserted. Note that the limit
setting data format must match the chosen data format of the temperature reading registers.
The
______
THERM /ADDR pin cannot be masked by either MASK_ALL bit or individual mask bit. Additionally, the
______
THERM /ADDR pin will be deasserted once the measured temperature drops below the corresponding Therm
Limit minus the Therm Hysteresis.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
19h
R/W
External channel
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
20h
R/W
Internal Therm
Limit
128
64
32
16
8
4
2
1
55h
(85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com