Electronic Components Datasheet Search
  English  ▼

X  

DIO1412CMP8 Datasheet(PDF) 24 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412CMP8
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412CMP8 Datasheet(HTML) 24 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412CMP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1412CMP8 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
20
Bit
Name
Description
7:4
Reserved
Do not use.
3:0
CONV
[3:0]
Conversion rate: CONV [3:0]
Conversions
/ second
Hex
3
2
1
0
4h
0
1
0
0
1
5h
0
1
0
1
2
6h
0
1
1
0
4 (default)
7h
0
1
1
1
8
8h
1
0
0
0
16
0h - 3h and
9h - Fh
All others
Not allowed
12.5. Limit register
The device contains both High Limit and Low Limits for all temperature channels. If the measured temperature
exceeds the High Limit, then the corresponding status bit will be set and the
_____
ALERT pin is asserted. Likewise, if
the measured temperature is less than the Low Limit, the corresponding status bit will be set and the
_____
ALERT
pin is asserted.
Note that the data format for the limits must match the selected data format for the temperature. If the extended
temperature range is used, the limits must be programmed in the extended data format.
The limit registers with multiple addresses are accessible at either address.
When the device is in the standby mode, updating the limit registers will have no effect until the new temperature
measurement results updating. Writing to the one shot register or clearing the RUN/STOP bit will both initiate a
new temperature measurement.
Addr. R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
05h
R/W
Internal High
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
0Bh
06h
R/W
Internal Low
Limit
128
64
32
16
8
4
2
1
00h
(0°C)
0Ch
07h
R/W
External channel
High Limit high
byte
128
64
32
16
8
4
2
1
55h
(85°C)
0Dh
13h
R/W
External channel
High Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com