Electronic Components Datasheet Search
  English  ▼

X  

DIO1521LP10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1521LP10
Description  2-Channel Exchange Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1521LP10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1521LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DIO1521
Version 1.0, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
-0.5 to 6.5
V
VSW_MIC/SENSE
VSW_MIC to GND, VSW_SENSE to GND
-0.5 to 6.5
V
VSW_SBUx
VSW_SBU1 to GND, VSW_SBU2 to GND
-0.5 to 13.2
V
ISW_MIC
Switch I/O current, MIC to SBU1 or SBU2 (Maximum)
500
mA
ISW_SENSE
Switch I/O current, SENSE to SBU1 or SBU2 (Maximum)
500
mA
TSTG
Storage temperature
-65 to 150
°C
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
2.3 to 5.5
V
VSW_MIC/SENSE
Analog input/output voltage
0 to 3.6
V
VSW_SBUx
0 to 12
V
TA
Ambient temperature
-40 to 85
°C
TJ
Junction temperature
-40 to 125
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
Human-body model. ANSI/ESDA/JEDEC JS-001
±6.5
kV
CDM
Charged-device model. ANSI/ESDA/JEDEC JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com