Electronic Components Datasheet Search
  English  ▼

X  

DIO1521LP10 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1521LP10
Description  2-Channel Exchange Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1521LP10 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1521LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DIO1521
Version 1.0, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
Note:
(1) Specifications subject to change without notice.
RPD
Internal pull-down resistor
on EN pin
2
MΩ
RPU
Internal pull-up resistor
on SEL pin
5
MΩ
Protection
VOVP
SBUx pins OVP threshold
3.8
4.2
4.6
V
VOVP_HYST
OVP threshold hysteresis
90
mV
VCLAMP_V
Maximum voltage to
appear on SBUx pins
during OVP condition
VSBUx = 0 to 16 V, tRISE and
tFALL(10% to 90%) = 100 ns,
RL = open, switch ON or OFF,
EN = High
0
9
V
Dynamic characteristics
CON
ON capacitance
VSBUx = 0 or 3.3 V, EN = VCC,
f = 240 MHz, switch ON
18
pF
COFF
OFF capacitance
VSBUx = 0 or 3.3 V, EN = 0,
f = 240 MHz, switch OFF
22
pF
OISO
Off-isolation
f = 1 kHz, RL = 32 Ω, CL = 0 pF,
VSW = 1 VRMS
-105
dB
XTALK
Crosstalk
f = 1 kHz, RL = 50 Ω,
VSW = 0.7 VRMS
-110
dB
BW
-3dB bandwidth
RL = 50 Ω
180
MHz
THD+N
Total harmonic distortion
f = 20 Hz ~ 20 kHz, 1 VRMS,
32 Ω load
-90
dB
f = 20 Hz ~ 20 kHz, 0.5 VRMS,
32 Ω load
-106
Timing requirements
tBBM
Break-before-make
time delay (SEL to output)
VSBUx = 0.8 V
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to
5.5 V
75
µs
tON
Device turn ON time
(EN to output)
VSBUx = 0.8 V
250
µs
tOFF
Device turn OFF time
(EN to output)
VSBUx = 0.8 V
1
µs
tOVP
SBUx pins OVP response
time
VSW = 3.5 V to 5.5 V
0.25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com