Electronic Components Datasheet Search
  English  ▼

X  

DIO1521LP10 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1521LP10
Description  2-Channel Exchange Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1521LP10 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1521LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1521LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO1521
Version 1.0, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
3
5. Electrical Characteristics
TA = -40°C to 85°C, VCC = 2.3 V to 5.5 V, GND = 0 V, typical values are at VCC = 3.3 V, TA = 25°C, unless
otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply
VCC
Supply voltage
2.3
5.5
V
ISD
Shutdown current
0.3
5
μA
ICC
Active supply current
32
μA
Supply current
during OVP condition
32
DC characteristics
RON
ON-state resistance of
SBU1
0.85
Ω
ON-state resistance of
SBU2
0.65
ΔRON
ON-state resistance
match between channels
0.05
Ω
RON(FLAT)
ON-state resistance
match flatness
0.02
Ω
ION
ON leakage current
VCC = 2.3 V to 5.5 V,
VSBUx = 0 V to 3.6 V,
VMIC and VSENSE is floating
-3
3
μA
IOZ
Off leakage current of
SBUx
VCC = 2.3 V to 5.5 V,
VSBUx = 0 V to 3.6 V
0.5
μA
Off leakage current of
MIC/SENSE
VCC = 2.3 V to 5.5 V,
VMIC/SENSE = 0 V to 3.6 V
0.1
μA
IOFF
Power off leakage current
of SBUx
VCC = 0 V,
VSBUx = 0 V to 3.6 V
0.5
μA
Power off leakage current
of MIC/SENSE
VCC = 0 V,
VMIC/SENSE = 0 V to 3.6 V
0.1
μA
Digital inputs
VIH
Input logic high
SEL, EN
0.825
V
VIL
Input logic low
0.35
V
IIH_EN
Input high leakage
current
EN = 1.2 V, 1.8 V, VCC
-3
3
μA
IIH_SEL
Input high leakage
current
SEL = 1.2 V, 1.8 V, VCC
-2
2
μA
IIL_EN
Input low leakage current
EN = 0 V
0
μA
IIL_SEL
Input low leakage current
SEL = 0 V
-2
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com