Electronic Components Datasheet Search
  English  ▼

X  

DIO2488 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2488 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
Voltage Output, Low-Side or High-Side Measurement,
Bidirectional, Zero-Drift Series Current-Shunt Monitors
Features
Wide supply range:
−
Single power supply: 2.7 V to 30 V
−
Dual power supply: ±1.35 V to ±15 V
Low offset voltage: ±40 µV (Max)
Quiescent current: 63 µA (Typ)
Gain error: ±1.5% (Max)
Choice of gain:
−
DIO2488D: 20 V/V
−
DIO2488A: 50 V/V
−
DIO2488B: 100 V/V
−
DIO2488C: 200 V/V
Input voltage noise: 54 nV/√Hz
Low input bias current: 35 µA
Applications
Notebook computers
Telecom equipment
Power management
Battery chargers
Welding equipment
Package Information
Part Number
Package
Body Size
DIO2488
SC70-6
2.07 mm × 1.26 mm
QFN-10
1.40 mm × 1.80 mm
Description
The DIO2488 is a voltage output, high-side and
low-side current-shunt monitor. The device sense
drops across shunts at common-mode voltages from
-0.1 V to 30 V, independent of the single supply
voltage. Three fixed gains are available: 20 V/V, 50
V/V, 100 V/V, 200 V/V. The DIO2488 is designed to
use for overcurrent detection, voltage feedback
control loops, or as a power monitor. The low offset of
the zero-drift architecture enables lower full-scale
drops across the shunt and high-precision
measurements with very low input offset voltage.
The device operates from a single 2.7 V to 30 V
power supply or a dual ±1.35 V to ±15 V with low
quiescent current. The device is specified over
ambient temperature range from -40°C to 125°C,
which makes it a perfect solution for industrial and
consumer applications.
Simplified Schematic


Similar Part No. - DIO2488

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results

Similar Description - DIO2488

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
Zero-Drift Series, Current-Shunt Monitors
INA282 TI1-INA282 Datasheet
1Mb / 36P
Bidirectional Current Shunt Monitors
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com