Electronic Components Datasheet Search
  English  ▼

X  

DIO2488 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2488 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal resistance
is, the lower the heat loss. Accumulation of heat energy degrades the performance of semiconductor
components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
SC70-6
250
°C/W
QFN1.4*1.8-10
80
6. Electrical Characteristics
Typical value: TA = 25°C, VS = 5 V, VIN+ = 12 V, VSENSE = (VIN+) - VIN-, and VREF = VS/2, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Power supply
VS
Operating voltage range
2.7
30
V
IQ
Quiescent current
VSENSE = 0 mV, TA = 25°C
63
µA
Input
VCM
Common-mode input
range
-0.1
30
V
CMRR
Common-mode rejection
VIN+ = 0 to 30 V, VSENSE = 0 mV
95
115
dB
VOS
Offset voltage, RTI (2)
VSENSE = 0 mV, VCM = VS/2, TA = 25°C
±10
±40
µV
dVOS/dT
Input vs. temperature (1)
0.1
0.5
µV/°C
PSRR
Power supply rejection
VS = 2.7 to 18 V, VIN+ = 18 V,
VSENSE = 0 mV
±0.18
±10
µV/V
IB
Input bias current
VSENSE = 0 mV
35
µA
IOS
Input offset current (1)
VSENSE = 0 mV
±0.02
µA
Output
G
Gain
DIO2488D
20
V/V
DIO2488A
50
DIO2488B
100
DIO2488C
200
Gain error
VSENSE = -8 to 8 mV
±0.05
±1.5
%
Gain error vs.
temperature (1)
TA = -40 to 125°C
5
10
ppm/°C
Nonlinearity error (1)
VSENSE = -8 to 8 mV
±0.01
%
Maximum capacitive load
No sustained oscillation
0.5
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com