Electronic Components Datasheet Search
  English  ▼

X  

DIO2488 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2488 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2488 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
Note:
(1) Guaranteed by design.
(2) RTI means “Refer to input”.
(3) Specifications subject to change without notice.
Voltage output
Swing to V+ power-supply
rail
RL = 10 kΩ to GND
(V+) -
0.025
(V+)
- 0.2
V
Swing to GND
RL = 10 kΩ to GND
VGND +
0.02
VGND +
0.05
V
Frequency response
BW
(-3 dB) bandwidth
DIO2488A
CLOAD = 10 pF
71
kHz
DIO2488B
35
DIO2488C
26
DIO2488D
55
SR
Slew rate
0.35
V/µs
Noise, RTI (2)
Voltage noise density
54
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com