Electronic Components Datasheet Search
  English  ▼

X  

UPC319 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC319
Description  HIGH SPEED DUAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC319 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC319 Datasheet HTML 1Page - Renesas Technology Corp UPC319 Datasheet HTML 2Page - Renesas Technology Corp UPC319 Datasheet HTML 3Page - Renesas Technology Corp UPC319 Datasheet HTML 4Page - Renesas Technology Corp UPC319 Datasheet HTML 5Page - Renesas Technology Corp UPC319 Datasheet HTML 6Page - Renesas Technology Corp UPC319 Datasheet HTML 7Page - Renesas Technology Corp UPC319 Datasheet HTML 8Page - Renesas Technology Corp UPC319 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UPC272, UPC319
R03DS0190EJ0100 Rev.1.00
Page 4 of 8
Mar.19.25
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.) (Reference Value)
UPC272G2, 319G2
182 °C/W
0
200
400
600
800
1000
0
20
40
60
80
100
Operating Ambient Temperature, TA [°C]
PT vs. TA (Absolute maximum rating)
IB
IIO
-100
0
100
200
300
400
500
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
IB, IIO vs. TA
V ± = ±15 V
IB +
IB -
-200
-100
0
100
200
300
400
500
600
-8
-6
-4
-2
0
2
4
6
8
Differential Input Voltage, VID [V]
IB vs. VID
0
0.5
1
1.5
2
2.5
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
VICM vs. TA
V +
V + -1
V + -2
V-+1.0
V-+0.5
V -
V ± = ±15 V
VRL
= 15 V
VRL
= 5 V
-1.00
0.00
1.00
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
-1.0
-0.6
-0.2
+0.2
+0.6
+1.0
Differential Input Voltage, VID [mV]
VO vs. VID
0.0
V ± =
±15 V
RL = 1.4 kΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com