Electronic Components Datasheet Search
  English  ▼

X  

UPC319 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC319
Description  HIGH SPEED DUAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC319 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC319 Datasheet HTML 1Page - Renesas Technology Corp UPC319 Datasheet HTML 2Page - Renesas Technology Corp UPC319 Datasheet HTML 3Page - Renesas Technology Corp UPC319 Datasheet HTML 4Page - Renesas Technology Corp UPC319 Datasheet HTML 5Page - Renesas Technology Corp UPC319 Datasheet HTML 6Page - Renesas Technology Corp UPC319 Datasheet HTML 7Page - Renesas Technology Corp UPC319 Datasheet HTML 8Page - Renesas Technology Corp UPC319 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC272, UPC319
R03DS0190EJ0100 Rev.1.00
Page 2 of 8
Mar.19.25
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC272G2
UPC319G2
Unit
Voltage between V+ and V– Note1
V + - V -
-0.3 to +36
V
Differential Input Voltage
VID
±5
V
Input Voltage Note2
VI
V - -0.3 to V + +0.3
V
Output to Negative Supply Voltage Note3
VO – V -
-0.3 to +36
V
Ground to Negative Supply Voltage Note3
VGND – V -
-0.3 to +25
V
Ground to Positive Supply Voltage Note3
V+ - VGND
-0.3 to +18
V
Total Power Dissipation Note4
PT
550
mW
Output Short Circuit Duration Note5
10
s
Operating Ambient Temperature
TA
-40 to +85
-20 to +80
°C
Storage Temperature
Tstg
-55 to +125
°C
[Note] 1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deterioration or damaging the device
characteristic. Do not exceed the ratings including during transient state such as ON/OFF, etc. The Comparator
input voltage must operate within the electrical characteristics range of input common-mode voltage.
3. This specification is the voltage which should be allowed to supply to the output and GND terminal from external
without damage or destructive. Even during the transition period of supply voltage, power on/off etc., this
specification should be kept.
4. This is the value at TA ≤ +25 °C. De-rate value at -5.5 mW/°C when TA > 25 °C.
5. Pay attention to output terminal current and GND terminal current. Please use the total loss and the de-rating
value from Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Dual)
V ±
±5
±16
V
Power Supply Voltage (V - = GND)
V +
+5
+16
V
TYPICAL CONNECTIONS
DUAL SUPPLIES
SINGLE SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com