Electronic Components Datasheet Search
  English  ▼

X  

UPC319 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC319
Description  HIGH SPEED DUAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC319 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC319 Datasheet HTML 1Page - Renesas Technology Corp UPC319 Datasheet HTML 2Page - Renesas Technology Corp UPC319 Datasheet HTML 3Page - Renesas Technology Corp UPC319 Datasheet HTML 4Page - Renesas Technology Corp UPC319 Datasheet HTML 5Page - Renesas Technology Corp UPC319 Datasheet HTML 6Page - Renesas Technology Corp UPC319 Datasheet HTML 7Page - Renesas Technology Corp UPC319 Datasheet HTML 8Page - Renesas Technology Corp UPC319 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0190EJ0100 Rev.1.00
Page 1 of 8
Mar.19.25
Datasheet
UPC272, UPC319
HIGH SPEED DUAL COMPARATOR
DESCRIPTION
UPC272, UPC319 are high-performance, general-purpose dual comparators that have the same input
characteristics as general-purpose operational amplifiers and can directly drive standard logic circuits such as
TTL, CMOS, and HNIL.
Its power supply voltage range is flexible whereby it exhibits excellent characteristics not only in a 5 V single
power supply but also in ± 15 V power supply which is equivalent to an operational amplifier.
Depending on the set used, operating ambient temperature, there are UPC272 for telecom industry and
UPC319 for general use.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Bias Current
400 nA (TYP.)
• Pulse Response Time
80 ns (TYP.)
• Open collector output
• Large output current capacity to directly drive the LEDs and lamps.
ORDERING INFORMATION
Order Name (1)
Package
UPC272G2-AP
14-pin plastic SOP ( 5.72 mm ( 225 ))
UPC319G2-AP
14-pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
UPC272G2, UPC319G2


Similar Part No. - UPC319

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
Renesas Technology Corp
UPC319 RENESAS-UPC319 Datasheet
346Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC319C NEC-UPC319C Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
Renesas Technology Corp
UPC319C RENESAS-UPC319C Datasheet
346Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC319G2 NEC-UPC319G2 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
More results

Similar Description - UPC319

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
LM119QML High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com