Electronic Components Datasheet Search
  English  ▼

X  

LD43DR Datasheet(PDF) 1 Page - LightGraphix

Part # LD43DR
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43DR Datasheet(HTML) 1 Page - LightGraphix

  LD43DR Datasheet HTML 1Page - LightGraphix LD43DR Datasheet HTML 2Page - LightGraphix LD43DR Datasheet HTML 3Page - LightGraphix LD43DR Datasheet HTML 4Page - LightGraphix LD43DR Datasheet HTML 5Page - LightGraphix LD43DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LD43DR
Data sheet issued: 8 April 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
>
High-power C1 engine with NICHIA LED delivering up to 106lm
>
Miniature fitting with LED and optics deep recessed 33mm for reduced glare
>
Available with a narrow 12° beam only due to the size of the aperture
>
Can be used as an uplight or downlight
>
Wide range of high-quality machined metal and painted bezel finishes available,
including: 316 Stainless Steel, Polished & Passivated 316 Stainless Steel, Brass,
Flamed Solid Bronze, White (RAL 9016), Black (RAL 9005), Classic Bronze
(YM262E), Gunmetal Grey (RAL 7021) and other RAL colours available
>
Optional glare shield accessory for further reduced glare
>
Hidden fixing options include spring clips or /480 first fix sleeve with O-rings
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
For fixing dimensions please go to page 4.
KEY FEATURES
Dimensions in mm
DIMENSIONS
Ø36
2.4
Ø27
68
DEEP RECESSED MINIATURE
INTERIOR/EXTERIOR LED UPLIGHT
LD43DR
The LD43DR is a miniature, ultra-deep recessed, LED in-ground
uplight which can also be used as a downlight. The LED and
optics are deep recessed 33mm into the body for super low
glare, which can be further reduced with an optional glare
shield. Due to the miniature aperture of the LD43DR, it is
available in a narrow 12° beam only, offering defined edges,
ideal for lighting doorways or narrow corridors. Featuring a
high-quality machined bezel, a wide range of metal and paint
finishes are available.


Similar Part No. - LD43DR

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43DRG LIGHTGRAPHIX-LD43DRG Datasheet
1Mb / 6P
GLASS BEZEL
27 April 2026
More results

Similar Description - LD43DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com