Electronic Components Datasheet Search
  English  ▼

X  

LD43DR Datasheet(PDF) 3 Page - LightGraphix

Part # LD43DR
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43DR Datasheet(HTML) 3 Page - LightGraphix

  LD43DR Datasheet HTML 1Page - LightGraphix LD43DR Datasheet HTML 2Page - LightGraphix LD43DR Datasheet HTML 3Page - LightGraphix LD43DR Datasheet HTML 4Page - LightGraphix LD43DR Datasheet HTML 5Page - LightGraphix LD43DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LD43DR
Data sheet issued: 8 April 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Please refer to our finishes guide for full details
AVAILABLE FINISHES
POLISHED & PASSIVATED
316 STAINLESS STEEL
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable
>
Passivated to extensively
prolong resistance to
corrosion and brown
stains caused by oxidation
in marine environments
>
Interior & exterior use
316 STAINLESS STEEL
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable
>
Passivation recommended
for marine environments
to prevent corrosion and
build up of brown stains
caused by oxidation
>
Interior & exterior use
FLAMED SOLID BRONZE
>
Solid Bronze
>
Hand finished Flamed
Bronze unique to
LightGraphix
>
Extremely durable with
very high corrosion
resistance
>
Please note a natural
dark patination layer
will form after long
term exposure to the
elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
MACHINED BRASS
>
Solid CZ121 Brass
>
Standard machined finish
>
Corrosion resistance rated
fair to excellent
>
Please note a natural
green/brown patination
layer will form after long
term exposure to the
elements, the extent of
this discolouration will be
dependant on its location.
>
Interior & exterior use
PAINT FINISH - POWDER COAT
>
White (RAL 9016), Black
(RAL 9005), Classic Bronze
(YM262E), Gunmetal Grey
(RAL 7021) Textured Mars
Bronze (SX350F), Textured
Fir Green (RAL 6009),
and other RAL colours
available
>
Smooth matt texture
unless stated otherwise
>
Not recommended for
footlights in high traffic
areas
>
Interior & exterior use
DIMENSIONS AND FIXING ACCESSORIES
Dimensions in mm
/480GT Ground tube
The in-ground tube has been designed for applications where a recessed uplighter is
required in soil or gravel terrain. The tube can be buried with the necessary wiring,
and then the fitting installed after the landscaping work has been completed.
It is supplied with the fixing sleeve bonded into the tube, and can be cut down on site.
Ø52
Ø34
Ø81
/484GT
In-ground Tube
25
25
25
Ø36.6
Ø50
Ø83.3
200
220
300
0.8
0.8
0.75
/476GT
In-ground Tube
/480GT
In-ground Tube
0.8
200
Ø37
25
0.8
200
25
Ø37
/SC Spring clip fixing
Useful for plinth or downlight applications
2.4
58
Cut-Out
Ø32
68
33
/480 Fixing Sleeve
with ‘O’ rings
Ø36
2.4
58
68
Ø27
Cut-Out
Ø32
/SC Spring Clips
33
Ø36
Ø27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
LD43DR
LD43DR
with
/GS43 Glare Shield
33
2.4
58
Cut-Out
Ø32
68
33
/480 Fixing Sleeve
with ‘O’ rings
Ø36
2.4
58
68
Ø27
Cut-Out
Ø32
/SC Spring Clips
33
Ø36
Ø27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
LD43DR
LD43DR
with
/GS43 Glare Shield
33
2.4
58
68
Cut-Out
Ø32
Ø36
Ø27
33
/480 O-rings and sleeve
A more robust and water tight method of
fixing, for in ground applications
2.4
58
Cut-Out
Ø32
68
33
/480 Fixing Sleeve
with ‘O’ rings
Ø36
2.4
58
68
Ø27
Cut-Out
Ø32
/SC Spring Clips
33
Ø36
Ø27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
LD43DR
LD43DR
with
/GS43 Glare Shield
33
2.4
58
Cut-Out
Ø32
68
33
/480 Fixing Sleeve
with ‘O’ rings
Ø36
2.4
58
68
Ø27
Cut-Out
Ø32
/SC Spring Clips
33
Ø36
Ø27
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
LD43DR
LD43DR
with
/GS43 Glare Shield
33
2.4
Cut-Out
Ø32
58
68
Ø27
33
Ø36



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com