Electronic Components Datasheet Search
  English  ▼

X  

LD43DR Datasheet(PDF) 6 Page - LightGraphix

Part # LD43DR
Description  LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43DR Datasheet(HTML) 6 Page - LightGraphix

  LD43DR Datasheet HTML 1Page - LightGraphix LD43DR Datasheet HTML 2Page - LightGraphix LD43DR Datasheet HTML 3Page - LightGraphix LD43DR Datasheet HTML 4Page - LightGraphix LD43DR Datasheet HTML 5Page - LightGraphix LD43DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LD43DR
Data sheet issued: 8 April 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD43DR-C1-700/LW30/NB/316 Stainless steel/GS/480
Light Engine & Drive Current
LD43DR -
/
/
/
/
Fixing & Accessories
Finish
Beam Angle
LED Colour
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a range of dimmable LED drivers DMX and DALI compatible. Please see the downloads section on our website.
C1
1.2W LED
at 350mA
LD43DR-C1-350
1.7W LED
at 500mA
LD43DR-C1-500
2.4W LED
at 700mA
LD43DR-C1-700
/SC
/480
/480GT
/GS
12° Narrow spot
/NB
Super Warm
White (2200K)
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K) -
on request
/LW40
Cool White
(5000K)
/LW50
Red
/LR
Green
/LG
Blue
/LB
Amber
/LA
316 Stainless Steel
Polished & Passivated
316 Stainless Steel
(for marine environments)
Machined Brass
Flamed Solid Bronze
Powder Coat
White
(RAL 9016)
Powder Coat
Black
(RAL 9005)
Powder Coat
Classic Bronze
(YM262E)
Powder Coat
Gunmetal Grey
(RAL 7021)
Powder Coat
Textured Fir Green
(RAL 6009)
Powder Coat
Textured Mars Bronze
(SX350F)
Powder Coat
RAL
Ambient temperature key:
55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com