Electronic Components Datasheet Search
  English  ▼

X  

M68Z128W Datasheet(PDF) 7 Page - STMicroelectronics

Part # M68Z128W
Description  3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M68Z128W Datasheet HTML 3Page - STMicroelectronics M68Z128W Datasheet HTML 4Page - STMicroelectronics M68Z128W Datasheet HTML 5Page - STMicroelectronics M68Z128W Datasheet HTML 6Page - STMicroelectronics M68Z128W Datasheet HTML 7Page - STMicroelectronics M68Z128W Datasheet HTML 8Page - STMicroelectronics M68Z128W Datasheet HTML 9Page - STMicroelectronics M68Z128W Datasheet HTML 10Page - STMicroelectronics M68Z128W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
M68Z128W
Table 8. Write Mode AC Characteristics
(TA = 0 to 70°C; VCC = 3.0V + 0.6V / –0.3V)
Note: 1. CL = 5pF.
2. At any given temperature and voltage condition, tWHQX is less than tWLQZ for any given device.
Symbol
Parameter
M68Z128W
Unit
-70
Min
Max
tAVAV
Write Cycle Time
70
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVWH
Address Valid to Write Enable High
60
ns
tAVE1H
Address Valid to Chip Enable 1 High
60
ns
tAVE2L
Address Valid to Chip Enable 2 Low
60
ns
tWLWH
Write Enable Pulse Width
55
ns
tWHAX
Write Enable High to Address Transition
0
ns
tWHDX
Write Enable High to Input Transition
0
ns
tWHQX
(2)
Write Enable High to Output Transition
0
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
25
ns
tAVE1L
Address Valid to Chip Enable 1 Low
0
ns
tAVE2H
Address Valid to Chip Enable 2 High
0
ns
tE1LE1H
Chip Enable 1 Low to Chip Enable 1 High
60
ns
tE2HE2L
Chip Enable 2 High to Chip Enable 2 Low
60
ns
tE1HAX
Chip Enable 1 High to Address Transition
0
ns
tE2LAX
Chip Enable 2 Low to Address Transition
0
ns
tDVWH
Input Valid to Write Enable High
30
ns
tDVE1H
Input Valid to Chip Enable 1 High
30
ns
tDVE2L
Input Valid to Chip Enable 2 Low
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com