Electronic Components Datasheet Search
  English  ▼

X  

M68Z128W Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68Z128W
Description  3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128W Datasheet(HTML) 1 Page - STMicroelectronics

  M68Z128W Datasheet HTML 1Page - STMicroelectronics M68Z128W Datasheet HTML 2Page - STMicroelectronics M68Z128W Datasheet HTML 3Page - STMicroelectronics M68Z128W Datasheet HTML 4Page - STMicroelectronics M68Z128W Datasheet HTML 5Page - STMicroelectronics M68Z128W Datasheet HTML 6Page - STMicroelectronics M68Z128W Datasheet HTML 7Page - STMicroelectronics M68Z128W Datasheet HTML 8Page - STMicroelectronics M68Z128W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2000
M68Z128W
3V, 1 Mbit (128Kb x8) Low Power SRAM with Output Enable
s
LOW VOLTAGE: 3.0V (+0.6V / –0.3V)
s
128Kb x 8 LOW POWER SRAM with OUTPUT
ENABLE
s
EQUAL CYCLE and ACCESS TIMES: 70ns
s
LOW VCC DATA RETENTION: 1.4V
s
TRI-STATE COMMON I/O
s
LOW ACTIVE and STANDBY POWER
s
INTENDED for USE with ST ZEROPOWER®
and TIMEKEEPER® CONTROLLERS
DESCRIPTION
The M68Z128W is a 1 Mbit (1,048,576 bit) Fast
CMOS SRAM, organized as 131,072 words by 8
bits. The device features fully static operation re-
quiring no external clocks or timing strobes, with
equal address access and cycle times. It requires
a single 3.0V (+0.6V / –0.3V) supply, and all inputs
and outputs are TTL compatible. This device has
an automatic power-down feature, reducing the
power consumption by over 99% when deselect-
ed. The M68Z128W is available in the standard
450mil-wide TSOP type 1 package.
Figure 1. Logic Diagram
AI01878B
17
A0-A16
W
DQ0-DQ7
VCC
M68Z128W
G
E2
VSS
8
E1
TSOP32 (N)
8 x 20mm
Table 1. Signal Names
A0-A16
Address Inputs
DQ0-DQ7
Data Input/Output
E1
Chip Enable 1
E2
Chip Enable 2
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally


Similar Part No. - M68Z128W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128-55N1 STMICROELECTRONICS-M68Z128-55N1 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128N STMICROELECTRONICS-M68Z128N Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results

Similar Description - M68Z128W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
04-Apr-2000
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
May-1999
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
106Kb / 17P
1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com