Electronic Components Datasheet Search
  English  ▼

X  

M68Z128W Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68Z128W
Description  3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128W Datasheet(HTML) 4 Page - STMicroelectronics

  M68Z128W Datasheet HTML 1Page - STMicroelectronics M68Z128W Datasheet HTML 2Page - STMicroelectronics M68Z128W Datasheet HTML 3Page - STMicroelectronics M68Z128W Datasheet HTML 4Page - STMicroelectronics M68Z128W Datasheet HTML 5Page - STMicroelectronics M68Z128W Datasheet HTML 6Page - STMicroelectronics M68Z128W Datasheet HTML 7Page - STMicroelectronics M68Z128W Datasheet HTML 8Page - STMicroelectronics M68Z128W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M68Z128W
4/12
Figure 4. Block Diagram
AI00665
ROW
DECODER
A
A
(9)
CHIP ENABLE.
INPUT
DATA
CTRL
DQ
DQ
(8)
COLUMN
DECODER
I/O CIRCUITS
(8)
A
A
CHIP ENABLE.
E1
W
G
CHIP
ENABLE
MEMORY
ARRAY
VCC
VSS
E2
Table 6. DC Characteristics
(TA = 0 to 70°C; VCC = 3.0V + 0.6V / –0.3V)
Note: 1. Average AC current, Outputs open, cycling at tAVAV minimum.
2. All other Inputs at VIL ≤ 0.8V or VIH ≥ 2.0V.
3. All other Inputs at VIL ≤ 0.2V or VIH ≥ VCC –0.2V.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
(1)
Supply Current
VCC = 3.6V, (-70)
20
40
mA
ICC2
(2)
Supply Current (Standby) TTL
VCC = 3.6V, E1 = VIH or
E2 = VIL, f =0
15
300
µA
ICC3
(3)
Supply Current (Standby) CMOS
VCC = 3.6V, E1 ≥ VCC – 0.2V
or E2
≤ 0.2V, f =0
0.4
15
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com