Electronic Components Datasheet Search
  English  ▼

X  

VS6525 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VS6525
Description  VGA single-chip camera module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6525 Datasheet(HTML) 1 Page - STMicroelectronics

  VS6525 Datasheet HTML 1Page - STMicroelectronics VS6525 Datasheet HTML 2Page - STMicroelectronics VS6525 Datasheet HTML 3Page - STMicroelectronics VS6525 Datasheet HTML 4Page - STMicroelectronics VS6525 Datasheet HTML 5Page - STMicroelectronics VS6525 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/6
6
VS6525
VGA single-chip camera module
Features
■ 640H x 480V active pixels
■ 2.2 µm pixel size, 1/10 inch optical format
■ RGB Bayer color filter array
■ Integrated 10-bit ADC
■ Integrated digital image processing functions,
including defect correction, lens shading
correction, demosaicing, sharpening, gamma
correction and color space conversion
■ Embedded camera controller for automatic
exposure control, automatic white balance
control, black level compensation
■ Up to 30 fps progressive scan, integer
subsampling and cropping modes
■ ITU-R BT.656-4 YUV (YCbCr) 4:2:2 with
embedded syncs, RGB 565 output formats
■ Viewlive feature allows different sizes, formats
and reconstruction settings to be applied to
alternate frames
■ 8-bit parallel video interface, horizontal and
vertical syncs, 24 MHz clock
■ Two-wire serial control interface (I2C)
■ On-chip PLL, 6.5 to 26 MHz clock input
■ Analog power supply, from 2.4V to 3.0V
■ Separate I/O power supply, 1.8V or 2.8V levels
■ Integrated power management with power
switch, automatic power-on reset and power-
safe pins
■ Low power consumption, ultra low standby
current
■ Aspheric lens, F# 3.2 ~56° HFOV
Description
The VS6525 is a general purpose VGA resolution
CMOS color digital camera featuring low size and
low power consumption. This complete camera
module is ready to connect to camera enabled
baseband processors, back-end IC devices or
PDA engines.
Applications
■ Mobile phone
■ Videophone
■ Video surveillance
■ Medical
■ Machine Vision
■ Toys
■ PDA
■ Biometry
■ Bar code reader
■ Lighting control
www.st.com


Similar Part No. - VS6525

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
VS6524 STMICROELECTRONICS-VS6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VS6524P02S STMICROELECTRONICS-VS6524P02S Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
VS6524P02S STMICROELECTRONICS-VS6524P02S Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
VS6524Q06J STMICROELECTRONICS-VS6524Q06J Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
More results

Similar Description - VS6525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VS6555 STMICROELECTRONICS-VS6555 Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
VGA PC Camera Single-Chip with Audio
logo
STMicroelectronics
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com