Electronic Components Datasheet Search
  English  ▼

X  

VS6525 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VS6525
Description  VGA single-chip camera module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6525 Datasheet(HTML) 3 Page - STMicroelectronics

  VS6525 Datasheet HTML 1Page - STMicroelectronics VS6525 Datasheet HTML 2Page - STMicroelectronics VS6525 Datasheet HTML 3Page - STMicroelectronics VS6525 Datasheet HTML 4Page - STMicroelectronics VS6525 Datasheet HTML 5Page - STMicroelectronics VS6525 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS6525
Application and block diagrams
3/6
2
Application and block diagrams
3
Ordering information
Figure 1.
Application diagram
Figure 2.
Block diagram
CLK
CE
D[7:0]
VGA camera module
VS6525
SCL, SDA
Baseband
or
Application
Processor
HSYNC
VSYNC
PCLK
FSO
SCL
SDA
CLK
CE
D[7:0]
HSYNC, VSYNC
PCLK
FSO
AVDD
AGND
VDD
DGND
1152 x 864
640 x 480
Column ADC
X Decoder
Line SRAM
Video
Processor
Camera
Controller
PLL and Clock Management
Power Mgmt
Power-On Reset
Pixel array
VS6525
Table 2.
Order codes
Part number
Package
VS6525R0EI/T2
Reflowable YUV-VGA (4.9mm x 4.9mm x 2.8mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com