Electronic Components Datasheet Search
  English  ▼

X  

VS6525 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VS6525
Description  VGA single-chip camera module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6525 Datasheet(HTML) 2 Page - STMicroelectronics

  VS6525 Datasheet HTML 1Page - STMicroelectronics VS6525 Datasheet HTML 2Page - STMicroelectronics VS6525 Datasheet HTML 3Page - STMicroelectronics VS6525 Datasheet HTML 4Page - STMicroelectronics VS6525 Datasheet HTML 5Page - STMicroelectronics VS6525 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical specifications
VS6525
2/6
1
Technical specifications
Table 1.
Technical specifications
Active pixels
640H x 480V
Pixel size
2.2 µm x 2.2 µm
Array size
1.408 mm x 1.056 mm
Color filter array
RGB Bayer
Exposure control
+120 dB
Analog gain
+24 dB (max)
Dynamic range
61 dB (typical)
Signal-to-noise Ratio
35 dB at 100 lux (typical)
Frame rate
1 to 30 Hz
Image format
VGA, QVGA, QQVGA, subQCIF
Arbitrary cropping
Horizontal/vertical flipping
Pixel format
YUV 4:2:2
RGB 565, RGB 444
Raw Bayer 10-bit
Video Interface
8-bit parallel video, hsync, vsync
ITU-R BT.656-4 compliant,
24 MHz max
Clock input
6.5 to 26 MHz square
13 MHz typ. (on-chip PLL)
Supply voltage
2.4 to 3.0 V analog
Separate I/O power supply
1.8 V or 2.8 V
Current consumption (max)
Streaming 30 fps: TBD
Power down: TDB
Lens
1-element, ~56° HFOV, F#3.2
Depth of field
20 cm to infinity
TV distortion
< 5%
Relative illumination
60% typ.
Package type
Reflowable
Package size
4.9 mm x 4.9 mm x 2.8 mm (wlh)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com