Electronic Components Datasheet Search
  English  ▼

X  

CFJ60 Datasheet(PDF) 9 Page - Clarke International

Part # CFJ60
Description  60” FARM JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFJ60 Datasheet(HTML) 9 Page - Clarke International

Back Button CFJ60 Datasheet HTML 4Page - Clarke International CFJ60 Datasheet HTML 5Page - Clarke International CFJ60 Datasheet HTML 6Page - Clarke International CFJ60 Datasheet HTML 7Page - Clarke International CFJ60 Datasheet HTML 8Page - Clarke International CFJ60 Datasheet HTML 9Page - Clarke International CFJ60 Datasheet HTML 10Page - Clarke International CFJ60 Datasheet HTML 11Page - Clarke International CFJ60 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS
1
Large runner
15
Base
2
Column
16
Bolt
3
Connecting link
17
Bolt
4
Handle
18
Spring
5Washer
19
Pin
6
Nut
20
Locking Pin
7Pin
21
Spring
8
Screw
22
Spring
9
Washer
23
Washer
10
Direction latch
24
Nut
11
Reversing switch
25
Small runner
12
Bolt
26
Spring locking washer
13
Nut
27
Lifting toe
14
Washer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com