Electronic Components Datasheet Search
  English  ▼

X  

CFJ60 Datasheet(PDF) 2 Page - Clarke International

Part # CFJ60
Description  60” FARM JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFJ60 Datasheet(HTML) 2 Page - Clarke International

  CFJ60 Datasheet HTML 1Page - Clarke International CFJ60 Datasheet HTML 2Page - Clarke International CFJ60 Datasheet HTML 3Page - Clarke International CFJ60 Datasheet HTML 4Page - Clarke International CFJ60 Datasheet HTML 5Page - Clarke International CFJ60 Datasheet HTML 6Page - Clarke International CFJ60 Datasheet HTML 7Page - Clarke International CFJ60 Datasheet HTML 8Page - Clarke International CFJ60 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Farm Jack.
Before attempting to use this product, please read these instructions carefully.
In doing so you will ensure your safety and you can look forward to your
purchase giving you long and satisfactory service.
This extremely versatile device is designed to lift, pull or push. Its applications
are many and varied, from lifting equipment and machinery, to removing tree
stumps or fence posts etc. pulling posts and poles and it can equally serve as
a hoist or winch.
The lever-ratchet operation with reversible ratchet mechanism enables the
jack to be used for both lifting or lowering.
SPECIFICATIONS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for its intended purpose. Faulty goods
should be returned to their place of purchase, no product can be returned to
us without prior permission. This guarantee does not effect your statutory rights.
Product size
1520 x 250 x 140 mm
Product weight
13.7kg
No of strokes from min to max height
56
Distance raised per stroke
22mm (ave)
Maximum Saddle Height from floor
1320mm
Minimum Saddle Height from floor
125mm
Maximum Support Load
1500kg
Minimum Load (for lowering)
50kg
Maximum pulling load
1500kg
Maximum clamp load
340kg
Maximum rated lift load
400kg
Handle Length
800mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com