Electronic Components Datasheet Search
  English  ▼

X  

CFJ60 Datasheet(PDF) 3 Page - Clarke International

Part # CFJ60
Description  60” FARM JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFJ60 Datasheet(HTML) 3 Page - Clarke International

  CFJ60 Datasheet HTML 1Page - Clarke International CFJ60 Datasheet HTML 2Page - Clarke International CFJ60 Datasheet HTML 3Page - Clarke International CFJ60 Datasheet HTML 4Page - Clarke International CFJ60 Datasheet HTML 5Page - Clarke International CFJ60 Datasheet HTML 6Page - Clarke International CFJ60 Datasheet HTML 7Page - Clarke International CFJ60 Datasheet HTML 8Page - Clarke International CFJ60 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
1. ALWAYS inspect the jack before use. Inspect for distortion of the column
and locking pins and the security of all parts. Check all parts are in good
condition and operating smoothly and that no cracks or distortion is
apparent. If in doubt DO NOT use.
2. If any part of jack fails to work properly, stop use and have it repaired or
replaced. NEVER attempt to repair jack while it is under load.
3. DO NOT use the jack for any purpose other than for which it is designed.
4. Ensure the jack is on a firm solid base and that there is no likelihood of it
slipping or sinking when under load.
5. Ensure the load is taken by the FULL lifting nose and that the point of lift on
the load is of sufficient strength to support the full load adequately.
6. ALWAYS ensure that the load is stabilised or supported in such a way that it
will not shift during lowering or lifting. Always lock and/or stabilise the load
to be lifted. The jack will not act as a load stabiliser.
7. ALWAYS use supports to stabilise the load once lifted. DO NOT rely upon the
jack to hold the load in position.
8. NEVER push a load off the jack.
9. All persons shall be clear of load being raised, lowered or pulled. NEVER
work under a raised load without using additional supports such as axle
stands. As an extra precaution insert a M12 steel bolt (not included)
through the hole in the beam immediately below the lifting mechanism to
act as a safety pin. Ensure there are no persons or obstructions beneath a
load before lowering.
10. Ensure there is a working gap between a vehicle being lifted and any
adjacent wall or object.
11. Ensure the vehicle handbrake is securely on and/or an automatic vehicle
transmission is in the park position before lifting.
12. Take care not to trap fingers within the moving parts.
13. ALWAYS keep a firm grip on the handle and support beam.
14. When using the jack to pull or drag a load, be aware that the load may
suddenly ‘give’, eg. pulling a tree stump etc. Take appropriate
precautions.
15. NEVER exceed the rated load of the jack as given in the specifications.
WARNING/If you exceed rated capacity, the shear pin will break and the
handle will drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com