Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6443 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System-on-Chip
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6443 Datasheet HTML 3Page - Texas Instruments TMS320DM6443 Datasheet HTML 4Page - Texas Instruments TMS320DM6443 Datasheet HTML 5Page - Texas Instruments TMS320DM6443 Datasheet HTML 6Page - Texas Instruments TMS320DM6443 Datasheet HTML 7Page - Texas Instruments TMS320DM6443 Datasheet HTML 8Page - Texas Instruments TMS320DM6443 Datasheet HTML 9Page - Texas Instruments TMS320DM6443 Datasheet HTML 10Page - Texas Instruments TMS320DM6443 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 223 page
background image
Revision History
TMS320DM6443
Digital Media System-on-Chip
www.ti.com
SPRS282F – DECEMBER 2005 – REVISED MARCH 2008
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS282E device-specific
data manual to make it an SPRS282F revision.
Scope: Applicable updates to the DM64x device family, specifically relating to the TMS320DM6443
device, have been incorporated.
• Updated the C64x+ Megamodule Revision, JTAG BSDL_ID, and JTAG ID Register to include Silicon
Revision 2.1
TMS320DM6443 Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
•
Updated/changed all HCS instances from "HCS" to "HCS"; HCS is an active low signal
Section 2.4.2
Section 2.4.2.4, C64x+ CPU:
DSP Memory Mapping
•
Updated/changed "... The Level 1 program cache (L1D) ..." to "... The Level 1 program cache (L1P)
..." [Cleared Documentation Feedback Issue]
Section 3.5.2
Table 3-13, DM6443 Multiplexed Peripheral Pins and Multiplexing Controls:
Multiplexed Pin
•
Deleted the "VPFE CCD, GPIO" row; N/A to this device
Configurations
Section 2.7
Table 2-23, ATA/CF Terminal Functions:
Terminal Functions
•
Updated/changed the table to include the HPI pin muxing functions
Section 2.8.2
Figure 2-6, Device Nomenclature:
Device and
•
Updated/changed the figure to include Silicon Revision 2.1
Development-Support
Tool Nomenclature
Section 3.2.1
Table 3-2, CHP_SHRTSW Register Description:
Power Configurations
•
Updated/changed the DSPPWRON bit description for "0" and "1"
at Reset
Section 3.5.6.4
Table 3-21, ATA, EMIFA, and GPIO Pin Multiplexing Control:
ATA, EMIFA, UART1,
•
Updated/changed the "RDY/BSY/EM_WAIT" column head to "EM_WAIT/IORDY" and corrected the
SPI, and GPIO Pin
column data [Cleared Documentation Feedback Issue]
Multiplexing
•
Added associated footnote
Section 3.5.6.10
Table 3-32, HPI and EMIFA/ATA Pin Multiplexing:
HPI and EMIFA/ATA
•
Updated/changed the "HRDY/RDY/BSY/EM_WAIT" column head to "HRDY/EM_WAIT/IORDY" and
Pin Multiplexing
corrected the column data [Cleared Documentation Feedback Issue]
Section 6.10.1.2
Table 6-35, Switching Characteristics Over Recommended Operating Conditions for Asynchronous
EMIFA Eelctrical
Memory Cycles for EMIFA Module:
Data/Timing
Updated/changed the following parameter information:
•
Parameter NO. 4 tsu(EMCSL-EMOEL), Output setup time, EM_CS[5:2] low to EM_OE low (SS = 0) MAX
value from "(RS + 1) * E + 1.2" to "(RS + 1) * E + 1.4" ns
•
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 0) MIN
value from "(RH + 1) * E - 1.3" to "(RH + 1) * E - 2.1" ns
•
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 1) MIN
value from "-1.4" to "-2.2" ns
•
Parameter NO. 7 th(EMOEH-EMBAIV), Output hold time, EM_OE high to EM_BA[1:0] invalid MIN value
from "(RH + 1) * E - 2.1" to "(RH + 1) * E - 2.3" ns
•
Parameter NO. 9 th(EMOEH-EMAIV), Output hold time, EM_OE high to EM_A[21:0] invalid MIN value
from "(RH + 1) * E - 2.4" to "(RH + 1) * E - 2.6" ns
•
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 0) MIN
value from "(WH + 1) * E - 1.4" to "(WH + 1) * E - 2.1" ns
•
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 1) MIN
value from "-1.4" to "-2.1" ns
•
Parameter NO. 21 th(EMWEH-EMBAIV), Output hold time, EM_WE high to EM_BA[1:0] invalid MIN value
from "(WH + 1) * E - 2.2" to "(WH + 1) * E - 2.3" ns
•
Parameter NO. 23 th(EMWEH-EMAIV), Output hold time, EM_WE high to EM_A[21:0] invalid MIN value
from "(WH + 1) * E - 2.5" to "(WH + 1) * E - 2.6" ns
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com