Electronic Components Datasheet Search
  English  ▼

X  

CBTSR2 Datasheet(PDF) 8 Page - Clarke International

Part # CBTSR2
Description  BENCHTOP SHAPER/ROUTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBTSR2 Datasheet(HTML) 8 Page - Clarke International

Back Button CBTSR2 Datasheet HTML 4Page - Clarke International CBTSR2 Datasheet HTML 5Page - Clarke International CBTSR2 Datasheet HTML 6Page - Clarke International CBTSR2 Datasheet HTML 7Page - Clarke International CBTSR2 Datasheet HTML 8Page - Clarke International CBTSR2 Datasheet HTML 9Page - Clarke International CBTSR2 Datasheet HTML 10Page - Clarke International CBTSR2 Datasheet HTML 11Page - Clarke International CBTSR2 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INVENTORY
The following items are supplied for fitting/assembly.
1. Fence (52)
2. Sliding Bracket (64)
3. Fence Plate (66)
4. Downwards Pressure Bar (63)
5. Mounting Bracket for the above (56)
6. 2 x Pressure Pads (68)
7. Square Mounting Plates (61)
8. Square Supports (60)
9. Elevating Handle (31)
10. Table Extensions (41 & 71)
11. Kickback Safety Fence (103)
12. Mounting Bracket for the above (104)
13. Dust Extractor Adaptor (53) - (not shown)
14. Transparent Tool Guard (50) - (not shown)
15. 6mm Collet (78)
16. 8mm Collet (77)
17. 12 mm Collet
18. Table Insert Rings (49)
19. Spanners (73)
20. 3mm Hex Key (74)
21. 4mm Hex Key (75)
22. Mitre Fence (99)
23. Push Blocks (72)
24. Fixings Packs
25. Table extension alignment bracket
Numbers in brackets refer to pages 26-29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com