Electronic Components Datasheet Search
  English  ▼

X  

CBTSR2 Datasheet(PDF) 2 Page - Clarke International

Part # CBTSR2
Description  BENCHTOP SHAPER/ROUTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBTSR2 Datasheet(HTML) 2 Page - Clarke International

  CBTSR2 Datasheet HTML 1Page - Clarke International CBTSR2 Datasheet HTML 2Page - Clarke International CBTSR2 Datasheet HTML 3Page - Clarke International CBTSR2 Datasheet HTML 4Page - Clarke International CBTSR2 Datasheet HTML 5Page - Clarke International CBTSR2 Datasheet HTML 6Page - Clarke International CBTSR2 Datasheet HTML 7Page - Clarke International CBTSR2 Datasheet HTML 8Page - Clarke International CBTSR2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for selecting this Clarke product.
The machine is ideal for shaping wood and plastic and also for cutting out
knots, cutting grooves, removing recesses, copying curves and logos, etc. The
machine must not be used on metal, stone, etc.
Please note that setting up and adjustment of this product ideally requires
some experience of working with this type of equipment.
Save these instructions including all safety warnings and instructions for future
reference.
SPECIFICATIONS
Feature
Specification
Operating Voltage and Frequency
230V ~ @ 50 Hz
Rated Input Wattage:
1500W
Table Size (with extension) L x W (mm)
1030 x 360 mm
Speeds
11500 rpm to 24000 rpm
Ingress protection rating
IP20
Spindle height adjustment
0 - 40 mm
Shank size
6/8/12mm and
¼” / ½”
Max Dimension of workpiece (L x W x H)
650 x 160 x 65 mm
Table Insert Sizes
32/47/55/75 mm
Dust Extract Adaptor Diameter
Outer Dia: 100 mm
Inner Dia: 93 mm
Sound Pressure
89 dB (A)
Sound Power Guaranteed LWa
102 dB
Product Weight (Unpacked):
20.9 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com