Electronic Components Datasheet Search
  English  ▼

X  

CBTSR2 Datasheet(PDF) 13 Page - Clarke International

Part # CBTSR2
Description  BENCHTOP SHAPER/ROUTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBTSR2 Datasheet(HTML) 13 Page - Clarke International

Back Button CBTSR2 Datasheet HTML 9Page - Clarke International CBTSR2 Datasheet HTML 10Page - Clarke International CBTSR2 Datasheet HTML 11Page - Clarke International CBTSR2 Datasheet HTML 12Page - Clarke International CBTSR2 Datasheet HTML 13Page - Clarke International CBTSR2 Datasheet HTML 14Page - Clarke International CBTSR2 Datasheet HTML 15Page - Clarke International CBTSR2 Datasheet HTML 16Page - Clarke International CBTSR2 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
FITTING THE PRESSURE PADS
1. Insert the 2 square supports in the
2 square sockets on the main part
of the fence.
2. Secure them with the 2 Allen
screws from below.
NOTE: You will need to slide the
sliding bracket forward to
gain access to one of the
holes.
Parts needed for this step
2 x
Pressure pads
2 x
Square mounting plate
2 x
Square supports
2 x
Clamp
2 x
Allen screws
M6 x 16
2 x
Plastic cap screws
M6 x 20
4 x
Carriage bolts
M6 x 35
4 x
Plastic cap nuts
M6
4 x
Washers
6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com