Electronic Components Datasheet Search
  English  ▼

X  

CON14 Datasheet(PDF) 5 Page - Clarke International

Part # CON14
Description  ABRASIVE CUT-OFF SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON14 Datasheet(HTML) 5 Page - Clarke International

  CON14 Datasheet HTML 1Page - Clarke International CON14 Datasheet HTML 2Page - Clarke International CON14 Datasheet HTML 3Page - Clarke International CON14 Datasheet HTML 4Page - Clarke International CON14 Datasheet HTML 5Page - Clarke International CON14 Datasheet HTML 6Page - Clarke International CON14 Datasheet HTML 7Page - Clarke International CON14 Datasheet HTML 8Page - Clarke International CON14 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
f.
Keep cutting tools sharp and clean. Properly maintained cutting tools
with sharp cutting edges are less likely to bind and are easier to control.
g. Use the power tool, accessories and tool bits etc. in accordance with
these instructions, taking into account the working conditions and the
work to be performed. Use of the power tool for operations different
from those intended could result in a hazardous situation.
5) SERVICING
a. Have your power tool serviced by a qualified repair person using only
identical replacement parts. This will ensure that the safety of the power
tool is maintained.
ADDITIONAL WARNINGS FOR CUT-OFF SAWS
1. IMPORTANT: You should not operate this machine unless you are thoroughly
familiar with metal cutting saws. If there is any doubt whatsoever, you
should consult a qualified person.
2. Ensure the cutting disc is securely mounted in accordance with these
instructions before connecting to a power supply.
3. DO NOT over tighten the cutting disc. This can cause stress and could lead
to the cutting disc shattering when under load.
4. Always check the cutting disc for cracks before use. Never use discs that
are chipped, cracked or otherwise defective.
5. Before switching the machine on, always ensure the work is properly
secured, always use the vice, never present a workpiece by hand.
6. Make all adjustments with the power off.
7. When starting a cut, always ease the tool into the work. A harsh or sudden
impact could shatter the abrasive disc.
8. Ensure the cutting disc reaches maximum speed before beginning a cut.
9. Never use the machine with the guards removed or not in their correct
position.
10. Ensure you use the correct type of cutting disc for the type of material
being cut. Never use a toothed saw blade in a machine designed to use a
cutting disc. Metal cutting & masonry cutting discs are available from your
Clarke dealer. NEVER cut magnesium, wood, or non-ferrous metals.
11. Do not perform cutting in explosive atmospheres and environments where
sparks could cause fire or explosion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com