Electronic Components Datasheet Search
  English  ▼

X  

CON14 Datasheet(PDF) 7 Page - Clarke International

Part # CON14
Description  ABRASIVE CUT-OFF SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON14 Datasheet(HTML) 7 Page - Clarke International

Back Button CON14 Datasheet HTML 3Page - Clarke International CON14 Datasheet HTML 4Page - Clarke International CON14 Datasheet HTML 5Page - Clarke International CON14 Datasheet HTML 6Page - Clarke International CON14 Datasheet HTML 7Page - Clarke International CON14 Datasheet HTML 8Page - Clarke International CON14 Datasheet HTML 9Page - Clarke International CON14 Datasheet HTML 10Page - Clarke International CON14 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
UNPACKING AND ASSEMBLY
Unpack the machine carefully and ensure that all items are accounted for
according to the above list. In the event of any deficiencies contact your
Clarke dealer immediately.
1
Handle
9
Clamping Spindle Crank
2
Trigger Switch
10
Vice Quick Release Lever
3
Power Cable/Plug
11
Vice Clamping Plate
4
Cutting Head Locking Pin
12
Cutting Disc
5
Depth Stop Adjustment Bolt
13
Hinged Guard
6
Adjustable Vice Backplate
14
Spindle Lock
7
Wrench Storage
15
Fixed Guard
8Hex Wrench 8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com