Electronic Components Datasheet Search
  English  ▼

X  

CON14 Datasheet(PDF) 8 Page - Clarke International

Part # CON14
Description  ABRASIVE CUT-OFF SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON14 Datasheet(HTML) 8 Page - Clarke International

Back Button CON14 Datasheet HTML 4Page - Clarke International CON14 Datasheet HTML 5Page - Clarke International CON14 Datasheet HTML 6Page - Clarke International CON14 Datasheet HTML 7Page - Clarke International CON14 Datasheet HTML 8Page - Clarke International CON14 Datasheet HTML 9Page - Clarke International CON14 Datasheet HTML 10Page - Clarke International CON14 Datasheet HTML 11Page - Clarke International CON14 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE CUTTING
LOCKING THE ARM
To unlock the saw and raise the
motor arm.
1. Push down on the handle.
2. Pull the locking pin out slightly to
unlock the motor arm.
3. Release the pressure on the
handle.
• The motor arm will then raise
into position.
• When locking the motor arm down for storage push down on the
handle, push the locking pin in and release pressure on the handle.
ADJUSTING THE VICE
1. The vice is provided with a quick
release lever (A).
2. Lift the quick release lever to
release the screw so that the vice
clamping plate (B) may be
quickly moved into contact with
the work.
3. Flip the quick release lever back
into position and tighten the vice
to hold the workpiece.
The adjustable backplate can be adjusted backwards/forwards and to a
chosen angle to accommodate different size of workpiece.
1. Use the wrench provided to loosen and remove the two bolts (C).
2. Adjust the angle stop to the desired position.
3. Tighten the bolts securely before use.
MATERIAL CLAMPING AND SUPPORT
• Angle iron should be clamped and cut with both legs resting against
the base of the saw.
• A spacer block slightly narrower than the workpiece can be used to
raise the workpiece if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com