Electronic Components Datasheet Search
  English  ▼

X  

CON720RHD Datasheet(PDF) 8 Page - Clarke International

Part # CON720RHD
Description  ROTARY HAMMER DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON720RHD Datasheet(HTML) 8 Page - Clarke International

Back Button CON720RHD Datasheet HTML 4Page - Clarke International CON720RHD Datasheet HTML 5Page - Clarke International CON720RHD Datasheet HTML 6Page - Clarke International CON720RHD Datasheet HTML 7Page - Clarke International CON720RHD Datasheet HTML 8Page - Clarke International CON720RHD Datasheet HTML 9Page - Clarke International CON720RHD Datasheet HTML 10Page - Clarke International CON720RHD Datasheet HTML 11Page - Clarke International CON720RHD Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SETUP
ADJUSTING THE SIDE HANDLE
1. Loosen the handle by rotating the
shaft of the handle clockwise (when
viewed from above)
2. Slide the handle assembly over the
chuck and onto the body of the drill.
(A)
3. Position the handle in the desired
position.
4. Secure the handle in position by
rotating the shaft of the handle
anticlockwise (when viewed from above), DO NOT over-tighten.
FITTING THE DEPTH STOP
The depth stop is fitted within the side handle and can only be used if this handle is
fitted.
1. To set the depth stop, hold down the
depth stop adjustment button and
slide the rod in and out to the
required position.
WARNING: TO REDUCE THE RISK OF PERSONAL INJURY, TURN THE
UNIT OFF AND DISCONNECT IT FROM THE MAINS SUPPLY BEFORE
INSTALLING AND REMOVING ACCESSORIES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com