Electronic Components Datasheet Search
  English  ▼

X  

CON720RHD Datasheet(PDF) 2 Page - Clarke International

Part # CON720RHD
Description  ROTARY HAMMER DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON720RHD Datasheet(HTML) 2 Page - Clarke International

  CON720RHD Datasheet HTML 1Page - Clarke International CON720RHD Datasheet HTML 2Page - Clarke International CON720RHD Datasheet HTML 3Page - Clarke International CON720RHD Datasheet HTML 4Page - Clarke International CON720RHD Datasheet HTML 5Page - Clarke International CON720RHD Datasheet HTML 6Page - Clarke International CON720RHD Datasheet HTML 7Page - Clarke International CON720RHD Datasheet HTML 8Page - Clarke International CON720RHD Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE 5-Function Rotary Hammer Drill.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not affect your statutory rights.
INVENTORY
Unpack your drill and make sure that the following items are present. Should there be
any damage caused during transit contact your Clarke dealer immediately.
Rotary Hammer
Side Handle Assembly (fitted)
SDS+ Chuck
Keyless Drill Chuck (non hammer mode
only)
Depth Stop Rod
1 x Dust Shield Cap
1 x 250 mm Bull Point Chisel
1 x 250 mm x 20 mm Flat Chisel
1 x 150 mm x 8 mm Drill Bit*
1 x 150 mm x 10 mm Drill Bit*
1 x 150 mm x 12 mm Drill Bit*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com