Electronic Components Datasheet Search
  English  ▼

X  

CON720RHD Datasheet(PDF) 9 Page - Clarke International

Part # CON720RHD
Description  ROTARY HAMMER DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON720RHD Datasheet(HTML) 9 Page - Clarke International

Back Button CON720RHD Datasheet HTML 5Page - Clarke International CON720RHD Datasheet HTML 6Page - Clarke International CON720RHD Datasheet HTML 7Page - Clarke International CON720RHD Datasheet HTML 8Page - Clarke International CON720RHD Datasheet HTML 9Page - Clarke International CON720RHD Datasheet HTML 10Page - Clarke International CON720RHD Datasheet HTML 11Page - Clarke International CON720RHD Datasheet HTML 12Page - Clarke International CON720RHD Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INSERTING AND REMOVING SDS BITS
This machine uses SDS bits and chisels.
1. Wipe clean the bit shank.
2. Pull back the locking sleeve and
insert the SDS bit.
3. Release the locking sleeve.
4. Pull on the bit to check if it is properly
locked.
• The hammering function requires
the bit to be able to move axially
when locked in the tool holder.
5. To remove a bit pull back the locking sleeve and pull the bit out of the tool holder.
NOTE: The supplied dust shield cap can be placed over the shaft of the bits
before inserting them into the SDS chuck this is used when drilling
overhead to prevent dust or debris entering the drill vents.
CHANGING THE CHUCK
1. Slide the chuck collar back and hold it
back.
2. Remove the chuck.
3. Insert the new chuck.
4. Release the chuck collar.
NOTE: Make sure the chuck is secure
before use.
USING THE STANDARD CHUCK (NOT HAMMER MODE)
1. Open the chuck by rotating the chuck
sleeve anticlockwise.
2. Place the drill bit in the jaws of the
chuck as far as it will go.
3. Rotate the chuck sleeve clockwise to
secure the drill bit.
NOTE: Do not use the hammer modes
when using the standard chuck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com