Electronic Components Datasheet Search
  English  ▼

X  

DIO20721SC5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20721SC5
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20721SC5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20721SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev 2.1
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO20721/2/4• Rev 2.1
1
DIO20721/2/4
Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
Features
Rail-to-rail input and output
0.5 mV typical offset (VOS)
Low distortion
Gain bandwidth product: 10 MHz
Wide supply range: 2.5 V to 5.5 V
620 μA/Amplifier typical supply current
Slew rate: 6.5 V/µs
DIO20721 available in SC70-5, SOT23-5
DIO20722 available in SOIC-8, MSOP-8,
DFN2*2-8,TSSOP-8 and TSOT23-8
DIO20724 available in SOP-14, TSSOP-14 and
QFN2*2-14
Applications
Portable equipment
Active filters
Data acquisition
Portable equipment
Test equipment
Broadband communication
Process control
Audio and video processing
Descriptions
The DIO2072x is a single/dual/quad channel,
rail-to-rail I/O operational amplifier which allows
low load impedance to be driven. With a 10 MHz
unity-gain frequency and low noise, low distortion
and high output current capability, the DIO2072x
provides excellent choice for high quality
systems. The input common-mode voltage range
includes ground, and the typical input offset
voltage is 0.5 mV. They are also capable of
comfortably driving large capacitive loads.
The DIO2072x is offered in Green or RoHS
package and ESD (HBM) exceeds 2 kV. It is
specified over the extended -40 to 125°C.
Typical Application
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO20721SC5
YWXK
3
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO20721ST5
YWXK
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO20722MP8
DIO2072
3
Green
-40 to 125°C
MSOP-8
Tape & Reel, 3000
DIO20722SO8
DIO2072
3
Green
-40 to 125°C
SOIC-8
Tape & Reel, 2500
DIO20722TN8
2072
3
Green
-40 to 125°C
DFN2*2-8
Tape & Reel, 3000
DIO20722TP8
DIO2072
3
Green
-40 to 125°C
TSSOP-8
Tape & Reel, 3000
DIO20722TST8
DTYW
3
Green
-40 to 125°C
TSOT23-8
Tape & Reel, 3000
DIO20724CS14
DIO2074
3
Green
-40 to 125°C
SOP-14
Tape & Reel, 2500
DIO20724TP14
DIO2074
3
Green
-40 to 125°C
TSSOP-14
Tape & Reel, 2500
DIO20724EN14
2074
3
Green
-40 to 125°C
QFN2*2-14
Tape & Reel, 3000


Similar Part No. - DIO20721SC5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results

Similar Description - DIO20721SC5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
December 22, 2009
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
December 22, 2009
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
March 25, 2010
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
June 9, 2011
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
June 23, 2011
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com