Electronic Components Datasheet Search
  English  ▼

X  

DIO20721SC5 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20721SC5
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20721SC5 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20721SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DIO20721/2/4
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO20721/2/4 • Rev 2.1
8
6. Physical Dimensions
6.1. SC70-5
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.80
-
1.10
A1
0
-
0.10
A2
0.80
0.90
1.00
A3
0.40
0.50
0.60
b
0.17
-
0.30
b1
0.17
0.22
0.25
c
0.12
-
0.20
c1
0.12
0.15
0.16
D
2.02
2.07
2.12
E
2.20
2.30
2.40
E1
1.21
1.26
1.31
e
0.60
0.65
0.70
e1
1.20
1.30
1.40
L
0.26
0.33
0.46
L1
0.52 REF
M
0.10
0.15
0.20
K
0
-
0.20
θ
0°
-
8°
θ1
10°
12°
14°
θ2
10°
12°
14°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com