Electronic Components Datasheet Search
  English  ▼

X  

DIO20721SC5 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20721SC5
Description  Single/Dual/Quad Channel, RRIO 10 MHz Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20721SC5 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20721SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO20721SC5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DIO20721/2/4
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO20721/2/4 • Rev 2.1
13
6.6. TSSOP-8
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
1.20
A1
0.05
-
0.15
A2
0.90
1.00
1.05
A3
0.34
0.44
0.54
b
0.20
-
0.28
b1
0.20
0.22
0.24
c
0.10
-
0.19
c1
0.10
0.13
0.15
D
2.83
2.93
3.03
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65 BSC
L
0.45
0.60
0.75
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
R1
0.09
-
-
S
0.20
-
-
θ1
0°
-
8°
θ2
10°
12°
14°
θ3
10°
12°
14°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com