Electronic Components Datasheet Search
  English  ▼

X  

DIO58056 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58056
Description  50~1000 mA, Single Cell Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58056 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO58056 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO58056 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIO58056/B/C/D
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO58056/B/C/D• Rev.1.8
Application Information
Typical application
Figure 12. Typical applications W/T LED indicate
Stability considerations
The constant-voltage mode feedback loop is not stable without an output capacitor provided a battery is
connected to the charger output. With no battery present, an output capacitor is recommended to reduce ripple
voltage. When using high value, low ESR ceramic capacitors, it is recommended to add a 1 Ω resistor in series
with the capacitor. No series resistor is needed if tantalum capacitors are used.
In constant-current mode, the ISET pin is in the feedback loop, not the battery. The constant-current mode
stability is affected by the impedance at the ISET pin. With no additional capacitance on the ISET pin, the
charger is stable with program resistor values as high as 51 kΩ. However, additional capacitance on this node
reduces the maximum allowed program resistor thus it should be avoided.
Thermal limit
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to
rise above a preset value of approximately 160°C. This feature protects the DIO58056/B/C/D from excessive
temperature and allows the user to push the limits of the power handling capability of a given circuit board
without risk of damaging the DIO58056/B/C/D. The charge current can be set according to typical (not
worst-case) ambient temperature with the assurance that the charger will automatically reduce the current in
worst-case conditions.
Power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com